Part Number Hot Search : 
RD2004 051F0 SZ3C91 6642CU 1SMB36A 0K1616X 05RD11 ALVC16
Product Description
Full Text Search
 

To Download MBR6060PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR6050PT THRU MBR60100PT
60.0 AMPS. Schottky Barrier Rectifiers
Voltage Range 50 to 100 Volts Current 60.0 Amperes TO-3P/TO-247AD
Features
a a a a a a a a Plastic material used carries Underwriters Laboratory Classifications 94V-0 Metal silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low forward voltage drop High surge capability For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications Guardring for overvoltage protection High temperature soldering guaranteed: 260oC/10 seconds,0.17"(4.3mm)from case
Mechanical Data
a a a a a a Cases: JEDEC TO-3P/TO-247AD molded plastic body Terminals: Leads solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting position: Any Mounting torque: 10 in. - lbs. max Weight: 0.2 ounce, 5.6 grams
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25+ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol MBR6050PT MBR6060PT MBR60100PT Units Maximum Recurrent Peak Reverse Voltage 50 60 100 V VRRM Maximum RMS Voltage 35 42 70 V VRMS Maximum DC Blocking Voltage 50 60 100 V VDC
Maximum Average Forward Rectified Current at Tc=125OC Peak Repetitive Forward Current (Rated VR, Square Wave, 20KHz) at Tc=120oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Peak Repetitive Reverse Surge Current (Note 1) Maximum Instantaneous Forward Voltage at (Note 2) IF=30A, Tc=25OC IF=30A, Tc=125OC Maximum Instantaneous Reverse Current @Tc=25+ at Rated DC Blocking Voltage Per Leg @ Tc=125+ (Note 1) Voltage Rate of Change at (Rated VR) Typical Thermal Resistance Per Leg (Note 3) Operating Junction Temperature Range Storage Temperature Range
I(AV) IFRM IFSM IRRM VF IR dV/dt R JC TJ TSTG
60 60.0 500 1.0
0.72 0.62
A A A A
V
mA mA V/uS +/W + +
1.0 100.0 1,000 1.2 -65 to +150 -65 to +175
Notes: 1. 2.0us Pulse Width, f=1.0 KHz 2. Pulse Test: 300us Pulse Width, 1% Duty Cycle 3. Thermal Resistance from Junction to Case Per Leg
- 900 -
RATINGS AND CHARACTERISTIC CURVES (MBR6050PT THRU MBR60100PT)
FIG.1- FORWARD CURRENT DERATING CURVE
75 600 RESISTIVE OR INDUCTIVE LOAD 60
FIG.2- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
PEAK FORWARD SURGE CURRENT. (A)
Tj=Tj max. 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
500
400 300
45
30
200
15
100
0 0 50 CASE TEMPERATURE. ( C)
o
100
150
0 1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
500
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER LEG
50
INSTANTANEOUS FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. (mA)
100
10
Tj=150 0C
Tj=125 0C 1
10 Tj=25 0C
Tj=75 0C 0.1
1
Pulse Width=300 s 1% Duty Cycle
0.01 Tj=25 0C
0.1
0.001 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 FORWARD VOLTAGE. (V)
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
5,000 100
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE PER LEG
TRANSIENT THERMAL IMPEDANCE. ( OC/W)
JUNCTION CAPACITANCE.(pF)
Tj=25 0C f=1.0MHz Vsig=50mVp-p
10.0
1,000
1
100 0.1 1 10 REVERSE VOLTAGE. (V) 100
0.1 0.01
0.1
1 T, PULSE DURATION. (sec)
10
100
- 161 -


▲Up To Search▲   

 
Price & Availability of MBR6060PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X